Part Number Hot Search : 
SD110 ARE1324Z 4AX103V5 ATTP1 TEA202 1502B RK73Z1 XP152
Product Description
Full Text Search
 

To Download SMBJ40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 602 - .082(2.08) .076(1.93) .012(.31) .006(.15) .012(.31) .006(.15) .008(.20) .004(.10) .056(1.41) .035(0.90) .147(3.73) .137(3.48) .187(4.75) .167(4.25) .103(2.61) .078(1.99) .208(5.28) .200(5.08) smbj series surface mount transient voltage suppressor voltage range 5.0 to 170 volts 600 watts peak power f eatures  for surface mounted application  low profile package  built-in strain relief  glass passivated junction  excellent clamping capability  fast response time: typically le ss than 1.0ps from 0 volt to bv min.  typical i r less than 1 a above 10v  high temperature soldering guaranteed: 260 o c / 10 seconds at terminals  plastic material used carries underwriters laboratory flammability classification 94v-0  600 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle m echanical data  case: molded plastic  terminals: solder plated  polarity: indicated by cathode bandexcept bipolar  standard packaging: 12mm tape (eia std rs-481)  weight: 0.093gram smb/do-214aa dimensions in inches and (millimeters) m aximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. type number symbol value units p eak p ower d issipation at t a =25 o c, tp=1ms( n ote 1) p pk minimum 600 watts steady state power dissipation pd 3 watts peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) (note 2, 3) - unidirectional only i fsm 100 amps maximum instantaneous forward voltage at 50.0a for unidirectional only (note 4) v f 3.5 / 5.0 volts typical thermal resistance (note 5) r jl r ja 10 55 /w operating and storage temperature range t j , t stg -65 to + 150 o c notes: 1 . non-repetitive current pulse pe r fig. 3 and derated above t a =25 o c per fig. 2. 2. mounted on 0.4 x 0.4" (10 x 10mm) copper pads to each terminal. 3. 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum. 4. v f =3.5v on smbj5.0 thru smbj90 devices and v f =5.0v on smbj100 thru smbj170 device s. 5. measured on p.c.b. with 0.27? x 0.27 ? (7.0mm x 7.0mm) copper pad areas. devices for bipolar applications 1. for bidrectional use c or ca suffix for types smbj5.0 through types smbj170. 2. electrical characteristics apply in both directions. free datasheet http:///
- 603 - ratings and characteristic curves (smbj series) fig.4- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 10 100 10 100 200 number of cycles at 60hz 8.3ms single half sine wave jedec method unidirectional only fig.1- peak pulse power rating curve pppm, peak pulse power, kw 0.1 1 10 100 td. pulse width, sec. 0.1 s 1.0 s 10 s 100 s 1.0ms 10ms 0.2" sq 5.0mm copper pad areas 2 non-repetitive pulse waveform shown in fig. 3 t =25 c a 0 fig.5- typical junction capacitance cj, junction cap acitance, pf 1 10 200 100 10 100 1000 6000 vwm, reverse stand-off voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 measured at zero bias vr measured at stand-off voltage,v wm fig.2- pulse derating curve peak pulse power (pppm) or current (lpp) derating in percent age, % 0 25 50 75 100 125 150 175 200 0 25 50 75 100 ta, ambient temperature. c o fig.3- pulse waveform 0 1.0 2.0 3.0 4.0 0 50 150 100 t, time, ms lppm, peak pulse current % irsm tr=10 sec. 10/1000 sec. waveform as defined by r.e.a. td 2 peak value lppm half value- lpp pulse width (td) is defined as the point where the peak current decays to 50% of lppm 20 2 free datasheet http:///
- 604 - electrical characteristics (ta=25 o c unless otherwise noted) breakdown voltage stand-off maximum maximum maximum device device vbr test current voltage reverse leakage peak surge clamping marking code (volts) (note 1) @it(ma) vwm at vwm current ippm voltage at ippm min max (volts) id (ua) (note 2)(amps) vc(volts) smbj5.0 kd 6.40 7.30 10 5.0 800.0 65 9.6 smbj5.0a ke 6.40 7.00 10 5.0 800.0 68 9.2 smbj6.0 kf 6.67 8.15 10 6.0 800.0 55 11.4 smbj6.0a kg 6.67 7.37 10 6.0 800.0 61 10.3 smbj6.5 kh 7.22 8.82 10 6.5 500.0 51 12.3 smbj6.5a kk 7.22 7.98 10 6.5 500.0 56 11.2 smbj7.0 kl 7.78 9.51 10 7.0 200.0 47 13.3 smbj7.0a km 7.78 8.60 10 7.0 200.0 52 12.0 smbj7.5 kn 8.33 10.3 1.0 7.5 100.0 44 14.3 smbj7.5a kp 8.33 9.21 1.0 7.5 100.0 48 12.9 smbj8.0 kq 8.89 10.9 1.0 8.0 50.0 42 15.0 smbj8.0a kr 8.89 9.83 1.0 8.0 50.0 46 13.6 smbj8.5 ks 9.44 11.5 1.0 8.5 20.0 39 15.9 smbj8.5a kt 9.44 10.4 1.0 8.5 20.0 43 14.4 smbj9.0 ku 10.0 12.2 1.0 9.0 10.0 37 16.9 smbj9.0a kv 10.0 11.1 1.0 9.0 10.0 40 15.4 smbj10 kw 11.1 13.6 1.0 10 5.0 33 18.8 smbj10a kx 11.1 12.3 1.0 10 5.0 37 17.0 smbj11 ky 12.2 14.9 1.0 11 5.0 31 20.1 smbj11a kz 12.2 13.5 1.0 11 5.0 34 18.2 smbj12 ld 13.3 16.3 1.0 12 5.0 28 22.0 smbj12a le 13.3 14.7 1.0 12 5.0 31 19.9 smbj13 lf 14.4 17.6 1.0 13 5.0 26 23.8 smbj13a lg 14.4 15.9 1.0 13 5.0 29 21.5 smbj14 lh 15.6 19.1 1.0 14 5.0 24.4 25.8 smbj14a lk 15.6 17.2 1.0 14 5.0 27 23.2 smbj15 ll 16.7 20.4 1.0 15 5.0 23.1 26.9 smbj15a lm 16.7 18.5 1.0 15 5.0 25.1 24.4 smbj16 ln 17.8 21.8 1.0 16 5.0 21.8 28.8 smbj16a lp 17.8 19.7 1.0 16 5.0 24.2 26.0 smbj17 lq 18.9 23.1 1.0 17 5.0 20.0 30.5 smbj17a lr 18.9 20.9 1.0 17 5.0 22.8 27.6 smbj18 ls 20.0 24.4 1.0 18 5.0 19.5 32.2 smbj18a lt 20.0 22.1 1.0 18 5.0 21.5 29.2 smbj20 lu 22.2 27.1 1.0 20 5.0 17.6 35.8 smbj20a lv 22.2 24.5 1.0 20 5.0 19.4 32.4 smbj22 lw 24.4 29.8 1.0 22 5.0 15.0 39.4 smbj22a lx 24.4 26.9 1.0 22 5.0 17.7 35.5 smbj24 ly 26.7 32.6 1.0 24 5.0 14.6 43.0 smbj24a lz 26.7 29.5 1.0 24 5.0 16.0 38.9 smbj26 md 28.9 35.3 1.0 26 5.0 13.5 46.6 smbj26a me 28.9 31.9 1.0 26 5.0 14.9 42.1 smbj28 mf 31.1 38.0 1.0 28 5.0 12.6 50.0 smbj28a mg 31.1 34.4 1.0 28 5.0 13.8 45.4 smbj30 mh 33.3 40.7 1.0 30 5.0 11.7 53.5 smbj30a mk 33.3 36.8 1.0 30 5.0 13.0 48.4 smbj33 ml 36.7 44.9 1.0 33 5.0 10.6 59.0 smbj33a mm 36.7 40.6 1.0 33 5.0 11.8 53.3 smbj36 mn 40.0 48.9 1.0 36 5.0 9.8 64.3 smbj36a mp 40.0 44.2 1.0 36 5.0 10.8 58.1 SMBJ40 mq 44.4 54.3 1.0 40 5.0 8.8 71.4 SMBJ40a mr 44.4 49.1 1.0 40 5.0 9.7 64.5 smbj43 ms 47.8 58.4 1.0 43 5.0 8.2 76.7 smbj43a mt 47.8 52.8 1.0 43 5.0 9.0 69.4 smbj45 mu 50.0 61.1 1.0 45 5.0 7.8 80.3 smbj45a mv 50.0 55.3 1.0 45 5.0 8.6 72.7 smbj48 mw 53.3 65.1 1.0 48 5.0 7.3 85.5 smbj48a mx 53.3 58.9 1.0 48 5.0 8.1 77.4 smbj51 my 56.7 69.3 1.0 51 5.0 6.9 91.1 smbj51a mz 56.7 62.7 1.0 51 5.0 7.6 82.4 smbj54 nd 60.0 73.3 1.0 54 5.0 6.5 96.3 smbj54a ne 60.0 66.3 1.0 54 5.0 7.2 87.1 smbj58 nf 64.4 78.7 1.0 58 5.0 6.1 103 smbj58a ng 64.4 71.2 1.0 58 5.0 6.7 93.6 smbj60 nh 66.7 81.5 1.0 60 5.0 5.8 107 smbj60a nk 66.7 73.7 1.0 60 5.0 6.5 96.8 smbj64 nl 71.1 86.9 1.0 64 5.0 5.5 114 smbj64a nm 71.1 78.6 1.0 64 5.0 6.1 103 smbj70 nn 77.8 95.1 1.0 70 5.0 5.0 125 smbj70a np 77.8 86.0 1.0 70 5.0 5.5 113 smbj75 nq 83.3 102 1.0 75 5.0 4.7 134 smbj75a nr 83.3 92.1 1.0 75 5.0 5.2 121 smbj78 ns 86.7 106 1.0 78 5.0 4.5 139 smbj78a nt 86.7 95.8 1.0 78 5.0 5.0 126 smbj85 nu 94.4 115 1.0 85 5.0 4.1 151 smbj85a nv 94.4 104 1.0 85 5.0 4.6 137 smbj90 nw 100 122 1.0 90 5.0 3.9 160 smbj90a nx 100 111 1.0 90 5.0 4.3 146 smbj100 ny 111 136 1.0 100 5.0 3.5 179 smbj100a nz 111 123 1.0 100 5.0 3.8 162 smbj110 pd 122 149 1.0 110 5.0 3.2 196 smbj110a pe 122 135 1.0 110 5.0 3.5 177 smbj120 pf 133 163 1.0 120 5.0 2.9 214 smbj120a pg 133 147 1.0 120 5.0 3.2 193 smbj130 ph 144 176 1.0 130 5.0 2.7 231 smbj130a pk 144 159 1.0 130 5.0 3.0 209 smbj150 pl 167 204 1.0 150 5.0 2.3 268 smbj150a pm 167 185 1.0 150 5.0 2.5 243 smbj160 pn 178 218 1.0 160 5.0 2.2 287 smbj160a pp 178 197 1.0 160 5.0 2.4 259 smbj170 pq 189 231 1.0 170 5.0 2.0 304 smbj170a pr 189 209 1.0 170 5.0 2.2 275 note: 1. vbr measured after it applied for 300us, it=square wave pulse or equivatent. 2. surge current waveform per figure 3 and derate per figure 2. 3. all terms and symbols are consistant with ansi/ieee c62.35. 4. for bidirectional use c or ca suffix for types smbj5.0 thorugh types smbj170. 5. for bipolar types having vwm of 10 volts(smbj8.0c) and under the id limit is doubled. notes: free datasheet http:///
- 605 - tvs application notes: transient voltage suppressors may be used at various points in a circuit to provide various degrees of protection. the following is a typical linear power suppl y with transient voltage suppressor units placed at different points. all provide protection of the load. figure 1 transient voltage suppressors 1 provides maximum protection. however, the system will probably require replacement of the line fuse(f) since it provides a dominant portion of the series impedance when a surge is encountered. however, we do not recommend to use the tvs diode here, unless we can know the electric circuit impedance and the magnitude of surge rushed into the circuit. otherwise the tvs diode is easy to be destroyed by voltage surge. transient voltage suppressor 2 provides execllent protection of circuitry excluding the transformer(t). however, since the transformer is a large part of t he series impedance, the chance of the line fuse opening during the surge condition is reduced. transient voltage suppressor 3 provides the load with complete protection. it uses a unidirectional transient voltage suppressor, which is a cost advant age. the series impedance now includes the line fuse, transformer, and bridge rectifier(b) so failure of t he line fuse is further reduced. if only transient voltage suppressor 3 is in use, then the bridge rectifier is unp rotected and would require a higher voltage and current rating to prevent failure by transients. any combination of these three, or any one of thes e applications, will prevent damage to the load. this would require varying trade-offs in power supply protection versus maintenance(changing the time fuse). an additional method is to utilize the transient voltage suppressor units as a controlled avalanche bridge. this reduces the parts count and incorporates the protection within the bridge rectifier. figure 2 recommended pad sizes the pad dimensions should be 0.010"(0. 25mm) longer than the contact size, in the lead axis. this allows a solder fillet to form, see figure below. contact factory for soldering methods. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of SMBJ40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X